Part Number Hot Search : 
UF5402 TDA3654 MUR1005E 331MP 50KP150A SMCJ12CA M65761FP 1N4112D
Product Description
Full Text Search
 

To Download TIP101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
TIP101
DESCRIPTION *High DC Current Gain: hFE = 1000(Min)@ IC= 3A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 80V(Min) *Low Collector-Emitter Saturation Voltage: VCE(sat) = 2.0V(Max)@ IC= 3A = 2.5V(Max)@ IC= 8A *Complement to Type TIP106 APPLICATIONS *Designed for general-purpose amplifier and low-speed switching applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Collector Power Dissipation @Ta=25 Junction Temperature Storage Temperature Range
VALUE 80 80 5 8 15 1 80
UNIT V V V A A A
PC
W 2 150 -65~150
Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.56 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
TIP101
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA, IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 6mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A, IB= 80mA
B
2.5
V
VBE(on)
Base-Emitter On Voltage
IC= 8A; VCE= 4V
2.8
V
ICBO
Collector Cutoff Current
VCB= 80V, IE= 0
50
A
ICEO
Collector Cutoff Current
VCE= 40V, IB= 0
50
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
8
mA
hFE-1
DC Current Gain
IC= 3A; VCE= 4V
1000
20000
hFE-2
DC Current Gain
IC= 8A; VCE= 4V
200
COB
Output Capacitance
IE= 0; VCB= 10V,f= 0.1MHz
200
pF
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X